PART |
Description |
Maker |
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
2N1890 JAN2N1890S JAN2N1711S JANTX2N1711 |
NPN LOW POWER SILICON TRANSISTOR NPN Transistor 500 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi Corporation MICROSEMI CORP-LAWRENCE
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CE1A3Q CE1A3Q-T CE1A3Q-T-A |
2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR COMPOUND TRANSISTOR Hybrid transistor TRANS DIGITAL BJT NPN 70V 2000MA 3SP-8 T/R
|
NEC Corp. NEC[NEC] NEC Electronics
|
FXT3866SM FXT449SM FXT549SM FXT749SM FXT649SM FXT6 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 500MA I(C) | SO TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | SO 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | SOT-89 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 1A条一(c)|采用SOT - 89 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 400MA I(C) | SO 晶体管|晶体管|叩| 30V的五(巴西)总裁| 400mA的一(c)| TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SOT-89
|
Zetex Semiconductor PLC Fujitsu, Ltd. Bourns, Inc. Amphenol, Corp.
|
TIP112T MJE15028A BUT56AW BUT56AA BUT56AN MOTOROLA |
2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-220AB 7 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB 5 A, 700 V, NPN, Si, POWER TRANSISTOR, TO-220AB 2.5 A, 750 V, NPN, Si, POWER TRANSISTOR, TO-220AB 3 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB 6 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
ECG48 ECG52 ECG36 ECG36MP ECG37MCP ECG50 ECG47 ECG |
TRANSISTOR | BJT | DARLINGTON | NPN | 50V V(BR)CEO | 1A I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 12A I(C) | TO-3VAR TRANSISTOR | BJT | PAIR | NPN | 140V V(BR)CEO | 12A I(C) | TO-3VAR TRANSISTOR | BJT | PAIR | COMPLEMENTARY | 140V V(BR)CEO | 12A I(C) | TO-3VAR 晶体管|晶体管|一对|互补| 140伏特五(巴西)总裁| 12A条一(c)|VAR TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | TO-202 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)|02 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 8A I(C) | TO-220AB
|
Electronic Theatre Controls, Inc. Xilinx, Inc.
|
GA1A4Z GA1A4Z-T2 GA1A4ZL69-T1 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR SUPER MINIMOLD PACKAGE-3 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR Hybrid transistor
|
NEC, Corp.
|
FJPF13007H2TTU FJPF13007TU |
NPN Silicon Transistor 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB NPN Silicon Transistor; Package: TO-220F; No of Pins: 3; Container: Rail 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
|